Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download MJE13005F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 12. 16 1/3 semiconductor technical data MJE13005F triple diffused npn transistor revision no : 3 switching regulator application. high voltage switching application. high speed dc-dc converter application. fluorescent light ballastor application. features  excellent switching times : t on =0.8  s(max.), t f =0.9  s(max.), at i c =2a  high collector voltage : v cbo =700v. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector 3. emitter to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit emitter cut-off current i ebo v eb =9v, i c =0 - - 1 ma dc current gain h fe (1) v ce =5v, i c =1a 19 - 36 h fe (2) v ce =5v, i c =2a 10 - 30 collector-emitter saturation voltage v ce(sat) i c =1a, i b =0.2a - - 0.5 v i c =2a, i b =0.5a - - 0.6 i c =4a, i b =1a - - 1 base-emitter saturation voltage v be(sat) i c =1a, i b =0.2a - - 1.2 v i c =2a, i b =0.5a - - 1.6 collector output capacitance c ob v cb =10v, f=0.1mhz, i e =0 - 65 - pf transition frequency f t v ce =10v, i c =0.5a 4 - - mhz turn-on time t on i b1 62.5? b1 i cc v =125v i b2 i b2 300 s i =i =0.4a 2% b1 b2 output duty cycle input < = - - 0.8  s storage time t stg - - 4  s fall time t f - - 0.9  s characteristic symbol rating unit collector-base voltage v cbo 700 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 9 v collector current dc i c 4 a pulse i cp 8 base current i b 2 a collector power dissipation (tc=25 1 ) p c 30 w junction temperature t j 150 1 storage temperature range t stg -55  150 1
1999. 12. 16 2/3 MJE13005F revision no : 3 0.01 collector current i (a) switching characteristic turn-on time ( s) c 0.04 0. 1 0.3 1 4 collector current i (a) c cb collector-base voltage v (v) collector output capacitance collector-emitter saturation ce(sat) collector current i (a) c collector current i (a) dc current gain h fe c common emitter voltage v (v) common emitter base-emitter voltage v (v) be(sat) 0.03 0.05 0.1 0.3 0.5 1 v =125v i /i =5 cc c b t @v =5v d be(off) r t switching characteristic 0.5 switching time ( s) 0.3 0.1 0.04 3 5 1 10 c collector current i (a) 0. 1 0.3 14 cc v =125v i /i =5 c b f t stg t c (pf) ob common emitter v - i be(sat) c - v 0.05 0.3 1 0.1 0.04 c ce(sat) v - i 0.04 5 0.1 1 0.4 100 h - i fe c 4 10 30 50 v =5v ce t =150 c j t =25 c j t =-55 c j 4 0.15 0.25 0.35 0.45 0.55 i /i =4 c b 25 c c 0.1 0.04 1.1 0.9 0.7 0.5 0.3 1 0.3 1.3 4 t =-55 c j t =25 c j t =25 c j t =150 c j v @i /i =4 be(sat) c b v @i /i =4 be(on) c b 0.1 1 0.3 3 1 10 30 100 300 1 k 3 5 10 30 50 100 300 500 1k ob cb f=1mhz ta=25 c
2000. 3. 7 3/3 MJE13005F revision no : 6 0 collector power dissipation p (w) c 0 ambient temperature ta ( c) c p - ta collector current i (a) c safe operating area 500 s 5ms dc 1ms 25 50 75 100 125 150 175 200 5 10 15 20 25 30 35 40 45 50 tc=ta infinite heat sink 0.01 collector-emitter voltage v (v) 3 5 10 30 ce 50 100 300 1k 0.03 0.05 0.1 0.3 0.5 1 3 5 10 20 single nonrepetitive pulse tc=25 c curve must be derated linearly with increase in temperature i max.(pulsed) c * * * * *


▲Up To Search▲   

 
Price & Availability of MJE13005F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X